PART |
Description |
Maker |
AT88RF020 AT88RF020-WBC-10 AT88RF020-WBC-82 AT88RF |
Low-cost 2-Kbit RF Memory with Password, ISO/IEC 14443 Type B compliant 13.56 MHz/ 2048-bit RFID EEPROM
|
Atmel
|
M35102-W4 M35102 M35102-C20 M35102-C30 M35102-S4 |
Contactless Memory Chip with 64-bit Unique Serial ID 13.56 MHz / 2048-bit High Endurance EEPROM Contactless Memory Chip with 64-bit Unique Serial ID 13.56 MHz, 2048-bit High Endurance EEPROM
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
LC87F5064A |
8-Bit Single Chip Microcontroller with 64KB(65535 ×8 bits) FEPROM and 2048 Byte(2048 ×8 bits) RAM On Chip(8位单片微控制器(带片4K5535 ×8 bit)字节闪速EPROM048
|
Sanyo Electric Co.,Ltd.
|
MCRF200I_1M14D MCRF200I1M14D MCRF200I_SN00A MCRF20 |
The MCRF200 is a low cost one time contactlessly programmable passive Radio Frequency Indentification (RFID) IC device for low frequency applications (100 kMz - 400 kMz). The device has a total of 128 bits of memory and can be configured w 125 kHz microID⑩ Passive RFID Device 125 kHz microID Passive RFID Device 125 kHz microID?/a> Passive RFID Device AC 4C 4#8 SKT PLUG ER 19C 19#16 SKT PLUG 125 kHz microIDPassive RFID Device 125千赫microID⑩无RFID器件 125 kHz microIDPassive RFID Device 125千赫microID⑩无源RFID器件 125 kHz microID?Passive RFID Device
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
FM93C56 FM93C56E FM93C56V FM93C56TL |
From old datasheet system 2048-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 2048-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 2048-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus)
|
FAIRCHILD[Fairchild Semiconductor]
|
FM93C56LM8 FM93C56EM8 FM93CS56VN FM93C56EMT8 FM93C |
(MICROWIRE TM Bus Interface))2048-Bit Serial EEPROM with Data Protect and Sequential Read (MICROWIRE Bus Interface))2048-Bit Serial EEPROM with Data Protect and Sequential Read (MICROWIRE Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read (MICROWIRE ™ Bus Interface))2048-Bit Serial EEPROM (MICROWIRE⑩ Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
|
FAIRCHILD[Fairchild Semiconductor]
|
MAANAT0144 |
Single Element RFID Antenna - North America Circular Polarized, 902-928 MHz
|
Tyco Electronics
|
CXK1009P |
2048-Bit Non-Volatile Memory
|
Sony
|
GM76C28A |
2048 x 8-Bit CMOS SRAM
|
Goldstar
|
UPB421C UPB421D |
2048 BIT BIPOLAR TTL
|
NEC
|